|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
3.2mmx1.6mm SMD CHIP LED LAMP PRELIMINARY SPEC ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Part Number: APT3216RWF/A WHITE Description The source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded. Features 3.2mmx1.6mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V. TYP. COLOR TEMPERATURE:6500K COLOR COORDINATES:X=0.31,Y=0.31 ACC. TO CIE1931(WHITE). OPTICAL EFFICIENCY:17.2 lm/W(TYP.) COLOR REPRODUCTION INDEX:80 RoHS COMPLIANT. Applications traffic signaling. backlighting (illuminated advertising , general lighting). interior and exterior automotive lighting. substitution of micro incandescent lamps. Reading camps. signal and symbol luminaire for orientation. marker lights (e.g. steps, exit ways, etc). decorative and entertainment lighting. indoor and outdoor commercial and residential architectural lighting. Package Dimensions 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications. SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 1 OF 7 ERP: 1203005649 Selection Guide Part No. Dice Lens Type luminous Intensity Iv(mcd) @ 20 mA Min. APT3216RWF/A WHITE (InGaN) YELLOW FLUORESCENT 70 Typ. 140 Note2 >v (mlm) @ 20 mA Typ. 1100 Note3 Viewing Note1 Angle 2 1/2 120 Absolute Maximum Ratings at TA=25C Parameter Power dissipation Reverse Voltage Junction temperature Operating Temperature Storage Temperature DC Forward Current Peak Forward Current Note4 Symbol Pt VR TJ Top Tstg IF IFM Rth JA Rth JS Value 120 5 110 -40 To +85 -40 To +100 30 100 300 120 Unit mW V C C C mA mA C/W C/W Thermal resistance Note5 Junction/ambient Junction/solder point Notes: 1 . 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of 15%. 3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice. 4.1/10 Duty Cycle, 0.1ms Pulse Width. 5.Rth(J-A) Results from mounting on PC board FR4 (pad size 16 mm 2 per pad), Electrical / Optical Characteristics at TA=25C Parameter Chromaticity coordinate x acc.to CIE1931 IF=20mA [Typ.] Chromaticity coordinate y acc.to CIE1931 IF=20mA [Typ.] Forward Voltage IF=20mA [Min.] Forward Voltage IF=20mA [Typ.] Forward Voltage IF=20mA [Max.] [Typ.] [Max.] IR VF Note2 Symbol X Y Note1 Value 0.31 0.31 2.7 3.2 4.0 0.01 10 -0.1 -0.2 -2.5 Unit - Note1 V Reverse Current (VR=5V) Reverse Current (VR=5V) A 10-3 / C 10-3 / C mV/ C Temperature coefficient of x [Typ.] IF=20mA, -10 C T 100 C Temperature coefficient of y [Typ.] IF=20mA, -10 C T 100 C Temperature coefficient of VF IF=20mA, -10 C T 100 C [Typ.] TC x TCy TCV Notes: 1.Chromaticity coordinates are measured by a current pulse of 20ms with a tolerance of 0.01 in X and Y color coordinates. 2.Forward voltage is measured with a current pulse of 10ms at a tolerance of 0.1V. SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 2 OF 7 ERP: 1203005649 Brightness codes luminous Intensity Iv(mcd) @ 20mA Code. M N P Q Min. 70 110 180 280 Note1 >v (mlm) @ 20mA Max. 130 220 320 420 Typ. 820 900 1100 1200 Note2 Notes: 1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of 15%. 2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice. White APT3216RWF/A SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 3 OF 7 ERP: 1203005649 APT3216RWF/A SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 4 OF 7 ERP: 1203005649 APT3216RWF/A White CIE 0.44 0.42 0.40 0.38 0.36 0.34 0.32 0.30 0.28 0.26 0.24 0.22 0.22 0.24 0.26 0.28 0.30 0.32 0.34 0.36 0.38 0.40 0.42 0.44 a1 a0 b3 b4 b1 b2 c1 c0 a0 X Y 0.264 0.267 0.283 0.305 0.296 0.276 0.280 0.248 X Y 0.248 0.286 a1 0.275 0.321 0.283 0.305 0.264 0.267 Reference CCT: 14000~9000k b1 X Y 0.283 0.305 0.330 0.360 0.330 0.339 0.287 0.295 X Y Reference CCT: 14000~9000k b2 0.287 0.295 0.330 0.339 0.330 0.318 0.296 0.276 Reference CCT: 9000~5600k b3 X Y 0.275 0.321 0.298 0.350 0.306 0.332 0.283 0.305 X Y Reference CCT: 9000~5600k b4 0.298 0.350 0.321 0.379 0.330 0.360 0.306 0.332 Reference CCT: 9000~7000k c0 X Y 0.330 0.360 0.361 0.385 0.356 0.351 0.330 0.318 X Y Reference CCT: 7600~5600k c1 0.321 0.379 0.366 0.419 0.361 0.385 0.330 0.360 Reference CCT: 5600~4600k Reference CCT: 6000~4600k SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 5 OF 7 ERP: 1203005649 APT3216RWF/A Recommended Soldering Pattern (Units: mm ; Tolerance: 0.1) Tape Specifications (Units : mm) Reel Dimension SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 6 OF 7 ERP: 1203005649 PACKING & LABEL SPECIFICATIONS APT3216RWF/A SPEC NO: DSAH2303 APPROVED: WYNEC REV NO: V.2 CHECKED: Allen Liu DATE: MAY/17/2007 DRAWN: Z.Z.YANG PAGE: 7 OF 7 ERP: 1203005649 |
Price & Availability of APT3216RWFA |